Part Number Hot Search : 
GBL02 W1206 NCP4420 L494CN 7C64X13 4N100 GL324A FTSO4410
Product Description
Full Text Search
 

To Download SR540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  metal-semiconductor junction with guard ring epitaxial construction low forward voltage drop,low switching losses high surge capability case:jedec do--27,molded plastic polarity: color band denotes cathode weight: 0.041ounces,1.15 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. sr530 SR540 sr550 sr560 sr580 sr5a0 units maximum recurrent peak reverse voltage v rrm 30 40 50 60 80 100 v ma x i mu m rms v o lt ag e v rms 21 28 35 42 56 70 v maximum dc blocking voltage v dc 30 40 50 60 80 100 v maximum average forw ard rectif ied current 9.5mm lead length, (see fig.1) peak f orw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg - 55 ---- + 125 - 55 ---- + 150 500 400 maximum instantaneous f orw ard voltage @ 5.0a (note 1) v f 2.5 50.0 25.0 v 0.55 0.7 0.85 150.0 20 sr520 14 20 5.0 3.thermal resistance junction to ambient ma i r i fsm note: 1. pulse test:300us pulse width,1% duty cy cle. 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. a 25 - 55 ---- +150 a for use in low voltage,high frequency inverters free wheeling,and polarity protection applications i f(av) voltage range: 20 --- 100 v current: 5.0a do - 27 the plastic material carries u/l recognition 94v-0 maximum ratings and electrical characteristics dimensions in millimeters sr520-sr5a0 s chottky barrier rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
amperes amperes amperes capacitance,pf reverse voltage,volts instantaneous forward current fig.3 -- typical instantaneous forward xxxxxxx ---- characteristics peak forward surge current fig.4 -- typical junction capacitance lead temperature, number of cycles at 60hz instantaneous forward voltage, volts fig.1 -- forward current derating curve fig.2 -- peak forward surge current average forward rectified current 0.01 50 0.1 1 0 0.2 0.4 0.6 1.2 1.4 0.8 1.0 1.6 10 sr520 - SR540 sr550 - sr560 tj=25 pulse width=300 s 1% duty cycle 1000 4000 0.1 1 10 100 100 sr520 - SR540 sr550 - sr5a0 t j =25 ?? f=1.0mhz vsig=50mvp-p 100 1 10 100 50 125 75 0 150 25 t j =t j max 8.3ms single half sine-wave 2.0 4.0 0 0 3.0 1.0 5.0 25 50 75 100 125 150 175 sr520 - SR540 sr550 - sr5a0 resistive or inductive load 0.375"(9.5mm) lead length sr580-sr5a0 sr520-sr5a0 s chottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X